|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SBR820 THRU SBR8100 Features * Plastic Package has Underwriters Laboratory Flammability Classification 94V-0 * Metal silicon junction, majority carrier conduction * Guard ring for overvoltage protection * Low power loss, high efficiency * High current capability, Low forward voltage drop * Single rectifier construction * High surge capability * For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications * High temperature soldering guaranteed : 250E /10 seconds, 0.25" (6.35mm) from case CURRENT 8.0Amperes VOLTAGE 20 to 100 Volts TO-220A .412 (10.5) MAX. .180 3.8 f +.2 HOLE THRU (4.6) .248 (6.3) .595 (15.1) MAX. .550 .158 (14.0) (4.0) MIN. MAX. .200 (5.08) + .108 (2.75) .040 (1.0) MAX. .051 MAX. (1.3) .040 MAX. (1.0) .050 (1.27) Mechanical Data * Case : JEDEC TO-220A molded plastic body * Terminals: Lead solderable per MIL-STD-750, Method 2026 * Polarity: As marked * Mounting Position: Any * Weight: 0.08ounce, 2.24 grams PIN 1 + CASE PIN 2 Case Positive + CASE PIN 2 Case Negative Suffix "R" PIN 1 .120 (3.05) Dimensions in inches and (millimeters) Maximum Ratings and Electrical Characteristics (Ratings at 25E ambient temperature unless otherwise specified, single phase, half wave, resistive or inductive load. For capacitive load, derate by 20%) Symbols Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current (see Fig. 1) Repetitive peak forward current(square wavr, 20KHZ) at Tc=105E Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum instantaneous forward voltage at 8.0A (Note 1) Maximum instantaneous reverse current at rated DC blocking voltage (Note1) Typical thermal resistance (Note 2) Operating junction temperature range Storage temperature range TA=25E TA=125E VRRM VRMS VDC I(AV) IFRM IFSM SBR 820 20 14 20 SBR 830 30 21 30 SBR 840 40 28 40 SBR 850 50 35 50 8.0 16.0 150.0 SBR 860 60 42 60 SBR 880 80 56 80 SBR 8100 100 70 100 Units Volts Volts Volts Amps Amps Amps VF IR Re JC TJ TSTG 0.65 1.0 15 2.5 -65 to +125 0.75 0.80 0.85 Volts mA E /W 50 -65 to +150 -65 to +150 E E Notes: (1) Pulse test: 300iS pulse width, 1% duty cycle (2) Thermal resistance from junction to case RATINGS AND CHARACTERISTIC CURVES SBR820-SBR8100 FIG.1-FORWARD CURRENT DERATING CURVE FIG.2-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 40 | | SBR820-SBR840 - - - SBR850-SBR8100 AVERAGE FORWARD CURRENT AMPERES 10 8.0 6.0 4.0 2.0 0 0 SINGLE PHASE HALF WAVE 50Hz INDUCTIVE OR RESISTIVE LOAD INSTANTANEOUS FORWARD CURRENT (AMPERES) SBR820-SBR840 50 100 LEAD TEMPERATURE (E ) 150 SBR850-SBR8100 1.0 TJ=25E PLUS WIDTH=300A 1% DUTY CYCLE FIG.4-TYPICAL JUNCTION CAPACITANCE 4000 2000 CAPACITANCE(pF) 1000 | | SBR820-SBR840 - - - SBR850-SBR8100 0.1 2 3 4 5 6 7 8 9 10 INSTANTANEOUS FORWARD VOLTAGE (VOLTS) FIG.3-TYPICAL REVERSE CHARACTERISTICS 200 100 10 TC=150E 0.1 0.4 1.0 10 40 60 100 REVERSE VOLTAGE. VOLTS INSTANTANEOUS REVERSE CURRENT MILL (AMPERES) 1.0 TC=125E FIG.5-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 150 PEAK FORWARD SURGE CURRENT(AMPERES) 145 140 135 130 125 TC=75E 0.1 TC=25E 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) 0.01 | | SBR820-SBR840 - - - SBR850-SBR8100 1.0 2.0 5.0 10 20 50 100 0.001 20 40 60 80 100 120 140 NUMBER OF CYCLES AT 60Hz PERCENT OF RATED PEAK REVERSE VOLTAGE(VOLTS) |
Price & Availability of SBR880 |